Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1189 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SB1189
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SB1189 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SB1189 Datasheet HTML 1Page - Nanjing International Group Co 2SB1189 Datasheet HTML 2Page - Nanjing International Group Co 2SB1189 Datasheet HTML 3Page - Nanjing International Group Co 2SB1189 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
0
200
400
600
-300
-400
-500
-600
-700
-800
-900 -1000
-0.1
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-400
-600
-800
-1000
-100
10
100
-1
-10
-100
-10
-100
-1000
-1
-10
1
10
100
1000
-0
-1
-2
-3
-4
-5
-6
-0
-20
-40
-60
-80
-100
-120
-140
Pc —— Ta
AMBIENT TEMPERATURE Ta ( )
℃
-700
COMMON EMITTER
V
CE= -3V
I
C
—— V
BE
BASE-EMMITER VOLTAGE V
BE (mV)
-700
COMMON EMITTER
V
CE= -3V
Ta=100℃
Ta=25℃
H
FE
—— I
C
COLLECTOR CURRENT I
C
(mA)
-700
β=10
V
BEsat
—— I
C
COLLECTOR CURREMT I
C
(mA)
Ta=100 ℃
Ta=25℃
200
COMMON EMITTER
VCE=-10V
Ta=25℃
f
T
—— I
C
-10
COLLECTOR CURRENT I
C
(mA)
-700
β=10
V
CEsat
—— I
C
Ta=100 ℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
-30
f=1MHz
I
C=0/IE=0
Ta=25 ℃
V
CB/VEB
C
ob/Cib
——
Cob
Cib
COLLECTOR-BASE VOLTAGE V
CB/VEB
(V)
-0.4mA
COMMON EMITTER T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-0.5mA
-0.45mA
-0.35mA
-0.15mA
-0.25mA
-0.3mA
-0.2mA
-0.1mA
I
B=-0.05mA
I
C
—— V
CE
Typical Characteristics
D
2/4
Dongguan Nanjing Electronics Ltd.
2/4
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com