Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA364002FC-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA364002FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA364002FC-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA364002FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTRA364002FC
5
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 3400 – 3600 MHz
C203
C202
C213
C211
C212
C210
C201
C215
C214
C205
C206
C207
C208
C204
C113
R102
R103
C109
L101
C108
C112
C101
C114
R101
C102
C103
U1
C107
C105
C104
C106
GTRA364002FC
_OUT_04A
GTRA364002FC
_IN_04
RF_IN
RF_OUT
VDD
VDD
gt r a36 4002f c_ CD_0 4 - 12 - 201 9
RO4350, 20 MIL
RO4350, 20 MIL
C111
–20
–40
C110
VGS(MAIN)
VGS(PEAK)
C203
C202
C213
C211
C212
C210
C201
C215
C214
C205
C206
C207
C208
C204
C113
R102
R103
C109
L101
C108
C112
C101
C114
R101
C102
C103
U1
C107
C105
C104
C106
GTRA364002FC
_OUT_04A
GTRA364002FC
_IN_04
RF_IN
RF_OUT
VDD
VDD
gt r a36 4002f c_ CD_0 4 - 12 - 201 9
RO4350, 20 MIL
RO4350, 20 MIL
C111
–20
–40
C110
VGS(MAIN)
VGS(PEAK)
C209
C203
C202
C213
C211
C212
C210
C201
C215
C214
C205
C206
C207
C208
C204
C113
R102
R103
C109
L101
C108
C112
C101
C114
R101
C102
C103
U1
C107
C105
C104
C106
GTRA364002FC
_OUT_04A
GTRA364002FC
_IN_04
RF_IN
RF_OUT
VDD
VDD
gt r a36 4002f c_ CD_0 4 - 12 - 201 9
RO4350, 20 MIL
RO4350, 20 MIL
C111
–20
–40
C110
VGS(MAIN)
VGS(PEAK)
C209
Reference circuit assembly diagram (not to scale)
Evaluation Board Part Number
LTA/GTRA364002FC-V1
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 3400 – 3600 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com