Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA094808NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA094808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094808NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA094808NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 05.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTRA094808NF
Package Types: PG-HBSOF-6-2
PN: PTRA094808NF
Features
• Broadband internal input and output matching
• Asymmetrical design
- Main: P
1dB = 210 W Typ
- Peak: P
1dB = 340 W Typ
• Typical Pulsed CW performance, 896 MHz, 48 V,
Doherty configuration
- Output power at P
1dB = 300 W
- Output power at P
3dB = 420 W
- Efficiency = 53%
- Gain = 17.5 dB
• Capable of handling 10:1 VSWR @ 48 V, 100 W (CW)
output power
• Integrated ESD protection
• Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
480 W, 48 V, 859 – 960 MHz
Description
The PTRA094808NF is a 480-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 859 to 960 MHz frequency band.
Features include input and output matching, high gain and thermally-enhanced
package with earless flange. Manufactured with Wolfspeed’s advanced LDMOS
process, this device provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
V
DD = 48 V, IDQ = 450 mA, VGS(PEAK) = 2.05 V, POUT = 87 W avg, ƒ = 895 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
16.5
17.5
dB
Drain Efficiency
h
D
48.5
52.5
%
Adjacent Channel Power Ratio
ACPR
–30.5
–26.5
dBc
Output PAR @ 0.01% CCDF
OPAR
7.1
7.5
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 2.05 V, ƒ = 895 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptra094808nf_g1


Similar Part No. - PTRA094808NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
logo
Cree, Inc
PTRA094808NF CREE-PTRA094808NF Datasheet
599Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET480 W, 48 V, 859 ??960 MHz
More results

Similar Description - PTRA094808NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTRA094808NF CREE-PTRA094808NF Datasheet
599Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET480 W, 48 V, 859 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA093818NF WOLFSPEED-PTRA093818NF Datasheet
685Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
Rev. 06.2, 2022-01-04
PTRA094858NF WOLFSPEED-PTRA094858NF Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 859 – 960 MHz
Rev. 04, 2023-06-28
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com