Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA094858NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA094858NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 859960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094858NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA094858NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094858NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTRA094858NF
Rev. 04, 2023-06-28
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
5
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µsec, 10% duty cycle, VDD = 48 V, IDQ = 450 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
865
1.43 – j5.04
2.29 – j0.67
21.06
53.32
214.78
54.9
4.77 + j1.31
22.83
51.65
146.22
66.0
895
2.31 – j6.58
2.26 – j0.24
21.03
53.47
222.33
57.0
4.26 + j1.68
22.7
51.84
152.76
68.1
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
865
1.43 – j5.04
2.32 – j0.79
19.07
54.24
265.46
58.5
4.68 + j1.09
20.78
52.59
181.55
67.3
895
2.31 – j6.58
2.29 – j0.32
19.03
54.35
272.27
60.4
4.14 + j1.5
20.64
52.77
189.23
69.3
Peak Side Load Pull Performance – Pulsed CW signal: 10 µsec, 10% duty cycle, VDD = 48 V, VGS(PEAK) = 2.1 V, class C
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
865
1.78 – j4.94
1.20 – j0.29
16.83
55.60
363.08
57.9
0.97 + j1.36
17.44
52.28
169.04
74.5
895
2.94 – j6.74
1.34 – j0.19
16.54
55.65
367.28
58.9
0.98 + j1.35
17.24
52.81
191
74.2
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
865
1.78 – j4.94
1.36 – j0.19
15.03
56.38
434.51
63.4
1.17 + j0.98
15.72
54.31
269.77
72.5
895
2.94 – j6.74
1.36 – j0.19
14.54
56.45
441.57
61.2
1.15 + j1
15.54
54.69
294.44
74.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com