Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA095908NB-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA095908NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 520 W, 48 V, 925960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA095908NB-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA095908NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTRA095908NB
5
Rev. 02.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 100 µsec, 10% duty cycle, V
DD = 48 V, IDQ = 500 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 100 µsec, 10% duty cycle, V
DD = 48 V, VGS(PEAK) = 3 V, class B
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
925
1.5 – j5.8
1.54 – j0.53
20.75
53.92
246
58.9
3.17 + j0.99
23.15
51.87
153
69.7
960
1.9 – j6.9
1.67 – j0.80
20.90
54.04
253
61.7
3.05 + j0.42
22.36
52.50
177
70.8
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
925
2.6 – j7.0
0.75 – j0.40
19.8
56.48
444
60.0
1.29 + j0.52
20.85
54.10
257
69.0
960
6.2 – j9.4
0.76 – j0.64
18.6
56.41
437
56.9
1.28 + j0.25
19.60
54.25
266
67.8
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
925
1.5 – j5.8
1.80 – j0.94
19.0
54.85
305
64.2
2.36 - j0.14
19.9
54.12
258
71.5
960
1.9 – j6.9
1.65 – j1.33
18.6
54.81
302
59.8
3.05 + j0.42
20.3
53.16
207
72.5
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
925
2.6 – j7.0
0.73 – j0.39
17.83
57.22
527
62.2
1.28 + j0.52
18.85
54.73
297.2
69.5
960
6.2 – j9.4
0.75 – j0.65
16.60
57.08
510
57.9
1.28 + j0.12
17.45
55.79
379.3
67.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com