Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA097008NB-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA097008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA097008NB-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA097008NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PTRA097008NB
Rev. 04, 2023-06-22
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal – 100 µsec, 10% duty cycle, 48 V, IDQ = 600 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
925
3.3 – j4.4
1.4 – j1.0
21.0
54.85
305
62.5
1.9 + j0.4
22.3
52.43
175
68.4
960
2.9 – j5.1
1.1 – j1.0
20.7
54.73
297
60.0
1.8 - j0.2
22.1
53.05
201
68.5
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
925
3.3 – j4.4
1.18 – j1.06
18.3
55.53
357
60.6
1.7 + j0.1
20.5
53.54
225
70.5
960
2.9 – j5.1
1.12 – j1.22
18.6
55.40
346
59.1
1.8 - j0.2
20.1
53.80
239
70.7
Peak Side Load Pull Performance – Pulsed CW signal – 100 µsec, 10% duty cycle, 48 V, VGSPK = 3.58 V, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
925
3.2 – j5.9
0.7 – j0.6
20.2
56.44
440
58.0
1.2 + j0.2
21.9
53.51
224
66.3
960
3.7 – j6.3
0.8 – j0.9
20.0
56.23
419
58.7
1.3 + j0.2
21.2
53.32
214
65.8
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
Zl
[W
]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
h
D
[%]
925
3.2 – j5.9
0.67 – j0.64
18.2
57.17
521
60.3
1.1 - j0.2
19.6
55.81
381
67.9
960
3.7 – j6.3
0.82 – j0.92
18.0
57.09
511
61.1
1.2 - j0.4
19.0
55.51
355
67.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com