Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA120251EA-V2-R0 Datasheet(PDF) 13 Page - WOLFSPEED, INC.

Part # PTVA120251EA-V2-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120251EA-V2-R0 Datasheet(HTML) 13 Page - WOLFSPEED, INC.

Back Button PTVA120251EA-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 10Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 11Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 12Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 13Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
PTVA120251EA
Rev. 06, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications
Package H-36265-2
2X 7.11
[.280]
45° X 2.03
[.080]
3.05
[.120]
CL
CL
FLANGE
9.78
[.385]
2X R1.52
[R.060]
4X R0.63
[R.025] MAX
6.
D
S
G
15.49±.51
[.610±.020]
4X R1.52
[R.060]
LID
10.16±.25
[.400±.010]
2.66±.51
[.105±.020]
ALL FOUR
CORNERS
15.23
[.600]
SPH 1.57
[.062]
20.31
[.800]
1.02
[.040]
10.16±.25
[.400±.010]
6.
3.61±.38
[.142±.015]
h - 3 6 2 6 5 - 2 _ p o _ 0 9 - 0 8 - 2 0 1 1
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ±0.127 [0.005] unless specified otherwise.
4. Pins: D – drain; G – gate; S – source
5. Lead thickness: 0.10 + 0.051/–0.025 mm [0.004 + 0.002/–0.001 inch].
6. Exposed metal plane on top and bottom of ceramic insulator.
7. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com