Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA604A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA604A
Description  High performance low power FM IF system
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA604A Datasheet(HTML) 2 Page - NXP Semiconductors

  SA604A Datasheet HTML 1Page - NXP Semiconductors SA604A Datasheet HTML 2Page - NXP Semiconductors SA604A Datasheet HTML 3Page - NXP Semiconductors SA604A Datasheet HTML 4Page - NXP Semiconductors SA604A Datasheet HTML 5Page - NXP Semiconductors SA604A Datasheet HTML 6Page - NXP Semiconductors SA604A Datasheet HTML 7Page - NXP Semiconductors SA604A Datasheet HTML 8Page - NXP Semiconductors SA604A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
NE/SA604A
High performance low power FM IF system
1994 Dec 15
398
BLOCK DIAGRAM
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SIGNAL
VOLTAGE
IF
AMP
LIMITER
REGULATOR
STRENGTH
GND
VCC
GND
MUTE
QUAD
DET
LIMITER
SR00312
Figure 2. Block Diagram
DC ELECTRICAL CHARACTERISTICS
VCC = +6V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
NE604A
SA604A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VCC
Power supply voltage range
4.5
8.0
4.5
8.0
V
ICC
DC current drain
2.5
3.3
4.0
2.5
3.3
4.0
mA
Mute switch input threshold
(ON)
(OFF)
1.7
1.0
1.7
1.0
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com