Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3280ACEZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 3 Page - Analog Devices

  ADCA3280ACEZ Datasheet HTML 1Page - Analog Devices ADCA3280ACEZ Datasheet HTML 2Page - Analog Devices ADCA3280ACEZ Datasheet HTML 3Page - Analog Devices ADCA3280ACEZ Datasheet HTML 4Page - Analog Devices ADCA3280ACEZ Datasheet HTML 5Page - Analog Devices ADCA3280ACEZ Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADCA3280
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 18
GENERAL PERFORMANCE
Using the application circuit shown in Figure 24. Supply voltage (VDD) = 21 V, paddle temperature (TPADDLE) = 35°C, source impedance (ZS) =
load impedance (ZL) = 75 Ω, and DC current (IDD) = 540 mA, unless otherwise noted. Device performance is similar at 24 V.
Table 1. General Performance
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER GAIN
S21
21.3
dB
Frequency = 108 MHz
21.4
dB
Frequency = 258 MHz
21.7
dB
Frequency = 1218 MHz
22.7
dB
Frequency = 1794 MHz
SLOPE OF STRAIGHT LINE1
0.4
dB
Frequency = 108 MHz to 1218 MHz
1.3
dB
Frequency = 108 MHz to 1794 MHz
FLATNESS OF FREQUENCY RESPONSE2
0.1
dB
Frequency = 108 MHz to 1218 MHz
0.35
dB
Frequency = 108 MHz to 1794 MHz
REVERSE ISOLATION
S12
−26.5
dB
Frequency = 108 MHz to 1794 MHz
RETURN LOSS
See Figure 3 and Figure 6
Input
S11
−20
dB
Frequency = 108 MHz to 258 MHz
−17
dB
Frequency = 258 MHz to 870 MHz
−17
dB
Frequency = 870 MHz to 1218 MHz
−17
dB
Frequency = 1218 MHz to 1794 MHz
Output
S22
−20
dB
Frequency = 108 MHz to 258 MHz
−19
dB
Frequency = 258 MHz to 870 MHz
−19
dB
Frequency = 870 MHz to 1218 MHz
−19
dB
Frequency = 1218 MHz to 1794 MHz
NOISE FIGURE
Includes losses of baluns shown in Figure 24
2.8
dB
Frequency = 108 MHz
3.3
dB
Frequency = 1218 MHz
4.6
dB
Frequency = 1794 MHz
SUPPLY
Supply voltage and current can be adjusted for different
applications, see the Applications Information section
DC Current
IDD
540
mA
See the Supply Voltage and Current section for information on
current adjustment
1 The slope is defined as the delta of the gain at the start frequency and the gain at the stop frequency.
2 Flatness is defined as the maximum deviation from a linear best-fit of the gain in the frequency range of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com