Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXAE183708NB-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PXAE183708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 320 W, 48 V, 18051880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE183708NB-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PXAE183708NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PXAE183708NB
5
Rev. 04, 2022-12-20
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main side load pull performance – pulsed CW signal: 10 µsec, 10% duty cycle, 28 V, IDQ = 850 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
1805
4.4-j10.8
1.2 - j2.5
19.4
52.30
171
57.6
2.4 - j1.3
21.9
50.10
103
68.4
1842.5
7.4-j13.2
1.2 - j2.7
19.2
52.30
170
56.7
2.1 - j1.5
21.7
50.50
112
67.9
1880
16.8-j14.6
1.2 - j2.9
19.3
52.20
165
55.9
2.1 - j1.7
21.7
50.30
106
65.8
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
1805
4.4 - j10.8
1.2 - j2.6
17.3
53.20
209
60.5
2.1 - j1.9
19.3
51.90
155
71.0
1842.5
7.4 - j13.2
1.2 - j2.9
17.2
53.10
204
58.9
2.0 - j1.7
19.5
51.60
144
70.6
1880
16.8 - j14.6
1.3 - j3.0
17.4
53.00
200
59.4
2.0 - j1.9
19.4
51.60
143
69.0
Peak side load pull performance – pulsed CW signal: 10 µsec, 10% duty cycle, 28 V, VGS(PEAK) = 2.4 V, class B
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
1805
2.9 - j6.7
2.0 - j4.5
17.4
54.90
306
56.0
2.2 - j1.7
18.9
52.20
164
69.1
1842.5
5.4 - j7.1
2.4 - j4.8
17.6
54.80
305
54.4
2.1 - j2.1
19.2
52.60
181
69.0
1880
8.4 - j4.2
2.4 - j4.9
17.9
54.80
300
55.4
2.1 - j2.2
19.3
52.20
166
68.3
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
h
D
[%]
1805
2.9 - j6.7
2.4 - j4.6
15.3
55.70
369
59.1
2.6 - j2.1
16.7
53.70
234
68.8
1842.5
5.4 - j7.1
2.5 - j4.8
15.6
55.60
366
57.7
2.6 - j2.6
16.9
54.20
260
68.3
1880
8.4 - j4.2
2.9 - 5.1
15.7
55.50
357
57.5
2.5 - j2.7
17.1
53.90
245
68.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com