Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4263
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 1 Page - Analog Devices

  LTC4263 Datasheet HTML 1Page - Analog Devices LTC4263 Datasheet HTML 2Page - Analog Devices LTC4263 Datasheet HTML 3Page - Analog Devices LTC4263 Datasheet HTML 4Page - Analog Devices LTC4263 Datasheet HTML 5Page - Analog Devices LTC4263 Datasheet HTML 6Page - Analog Devices LTC4263 Datasheet HTML 7Page - Analog Devices LTC4263 Datasheet HTML 8Page - Analog Devices LTC4263 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Fully Compliant IEEE 802.3at Type 1 and 2 PSE
►
Up to 48 PSE Ports
►
Industry-Standard Register Map
►
+80V/–20V Tolerant Port-Facing Pins
►
ECC-Protected eFlash and Data RAMs
►
Low Power Path Dissipation per Channel
►
100mΩ Sense Resistance
►
30mΩ or Lower MOSFET RDS(ON)
►
Chipset Provides Electrical Isolation
►
Eliminates Optos and Isolated 3.3V Supply
►
Very High Reliability Multipoint PD Detection
►
Continuous Per-Port Voltage and Current Monitoring
►
1MHz I2C Compatible Serial Control Interface
►
Pin or I2C Programmable PD Power
►
Available in 24-Lead 4mm × 4mm (LTC9101‑2A) and 64-Lead
7mm × 11mm (LTC9102) QFN Packages
APPLICATIONS
►
PoE PSE Switches/Routers and Midspans
DESCRIPTION
The LTC
®9101-2A/LTC9102 chipset is a (up to) 48-port power
sourcing equipment (PSE) controller designed for use in IEEE
802.3at Type 1 and 2 compliant Power over Ethernet (PoE) sys-
tems. The LTC9101-2A/LTC9102 is designed to power compliant
802.3af and 802.3at PDs. The LTC9101-2A/LTC9102 chipset deliv-
ers lowest-in-industry heat dissipation using low RDS(ON) external
MOSFETs and 0.1Ω sense resistance per power channel. A trans-
former-isolated communication protocol replaces expensive opto-
couplers and a complex isolated 3.3V supply, resulting in significant
bill of materials (BOM) cost savings.
Advanced power management features include per-port 14‑bit cur-
rent/voltage monitoring, programmable current limits, and versatile
fast shutdown of preselected ports. PD detection uses a proprietary
multipoint detection mechanism, ensuring excellent immunity from
false PD identification. 1-event and 2-event physical classification
are supported. The LTC9101-2A/LTC9102 includes an I2C serial
interface operable up to 1MHz. The LTC9101-2A/LTC9102 is pin or
I2C programmable to negotiate PD-delivered power up to 25.5W.
TYPICAL APPLICATION
Figure 1. 802.3at 2-Pair Application, 1 Port Shown


Similar Part No. - LTC4263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263 LINER-LTC4263 Datasheet
356Kb / 24P
Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263 LINER-LTC4263 Datasheet
374Kb / 30P
Quad IEEE 802.3at Power over Ethernet Controller
LTC4263 LINER-LTC4263 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4263 LINER-LTC4263 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4263 LINER-LTC4263 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
More results

Similar Description - LTC4263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com