Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2526A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP2526A
Description  Dual USB High-Side Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526A Datasheet(HTML) 2 Page - Sipex Corporation

  SP2526A Datasheet HTML 1Page - Sipex Corporation SP2526A Datasheet HTML 2Page - Sipex Corporation SP2526A Datasheet HTML 3Page - Sipex Corporation SP2526A Datasheet HTML 4Page - Sipex Corporation SP2526A Datasheet HTML 5Page - Sipex Corporation SP2526A Datasheet HTML 6Page - Sipex Corporation SP2526A Datasheet HTML 7Page - Sipex Corporation SP2526A Datasheet HTML 8Page - Sipex Corporation SP2526A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 12/06/04
SP2526A Dual USB High-Side Power Switch
© Copyright 2004 Sipex Corporation
Supply Voltage(V
IN)..........................................7.0V
Fault Flag Voltage (V
FLG)..................................7.0V
Fault Flag Current (I
FLG)..................................50mA
Enable Control Input (V
EN).....................-0.3V -15V
Unless otherwise noted, the following specifications apply for V
IN = +5.0V, TA = 25
°C.
Operating Temperature Range.............-40˚C to +85˚C
Junction Temperature Range..............................125˚C
Storage Temperature Range..............-65˚C to +150˚C
Lead Temperature (10 sec. soldering)................260˚C
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated
in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions
for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Power Dissipation Per Package
8-pin NSOIC (derate 6.14mW/OC above +70OC).......500mW
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
t
n
e
r
r
u
C
y
l
p
p
u
S5
7
.
0
0
1
1
0
.
5
0
6
1
µA
V
N
E
n
e
p
O
=
T
U
O
"
0
"
c
i
g
o
L
=
V
N
E
n
e
p
O
=
T
U
O
"
1
"
c
i
g
o
L
=
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
n
E
4
.
2
7
.
1
0
.
2
8
.
0
V
V
N
E
"
0
"
c
i
g
o
L
=
V
N
E
"
1
"
c
i
g
o
L
=
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
E1
0
.
0
1
0
.
0
1
1
µA
V
N
E
"
0
"
c
i
g
o
L
=
V
N
E
"
1
"
c
i
g
o
L
=
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
e
l
b
a
n
E1
F
p
e
c
n
a
t
s
i
s
e
R
t
e
f
s
o
M
t
u
p
t
u
O0
1
10
5
1m
Ω
y
a
l
e
D
n
O
-
n
r
u
T
t
u
p
t
u
O0
0
1
µs
R
L
0
1
=
Ω
t
u
p
t
u
o
h
c
a
e
e
m
i
T
e
s
i
R
n
O
-
n
r
u
T
t
u
p
t
u
O0
0
0
10
0
0
4
µs
R
L
0
1
=
Ω
t
u
p
t
u
o
h
c
a
e
y
a
l
e
D
f
f
O
-
n
r
u
T
t
u
p
t
u
O8
.
00
2
µs
R
L
0
1
=
Ω
t
u
p
t
u
o
h
c
a
e
e
m
i
T
ll
a
F
f
f
O
-
n
r
u
T
t
u
p
t
u
O7
.
00
2
µs
R
L
0
1
=
Ω
t
u
p
t
u
o
h
c
a
e
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O0
1
µA
d
l
o
h
s
e
r
h
T
t
i
m
i
L
t
n
e
r
r
u
C6
.
00
.
15
2
.
1A
n
w
o
d
t
u
h
S
e
r
u
t
a
r
e
p
m
e
T
-
r
e
v
O
d
l
o
h
s
e
r
h
T
5
3
1
5
2
1
OC
T
J
g
n
i
s
a
e
r
c
n
i
T
J
g
n
i
s
a
e
r
c
e
d
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
g
a
l
F
r
o
r
r
E0
1
5
1
5
2
0
4
Ω
V
N
I
I
,
V
5
=
L
A
m
0
1
=
V
N
I
I
,
V
3
.
3
=
L
A
m
0
1
=
t
n
e
r
r
u
C
f
f
O
g
a
l
F
r
o
r
r
E1
0
.
01
µA
V
G
A
L
F
V
5
=
d
l
o
h
s
e
r
h
T
O
L
V
U6
.
2
4
.
2
V
V
N
I
g
n
i
s
a
e
r
c
n
i
V
N
I
g
n
i
s
a
e
r
c
e
d



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com