Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMC-6015-47P Datasheet(PDF) 2 Page - CUI Devices

Part # CMC-6015-47P
Description  ELECTRET CONDENSER MICROPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMC-6015-47P Datasheet(HTML) 2 Page - CUI Devices

  CMC-6015-47P Datasheet HTML 1Page - CUI Devices CMC-6015-47P Datasheet HTML 2Page - CUI Devices CMC-6015-47P Datasheet HTML 3Page - CUI Devices CMC-6015-47P Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | MODEL: CMC-6015-47P | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
date 08/05/2022 | page 2 of 4
cuidevices.com
MECHANICAL DRAWING
units: mm
FREQUENCY RESPONSE CURVE
MEASUREMENT CIRCUIT
RL = 2.2 kΩ
C = 1
µF
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com