Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD13 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PEMD13
Description  50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMD13 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PEMD13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Nexperia
PEMD13
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
12. Package outline
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
1
2
3
4
5
6
0.6
0.5
0.3
0.1
Fig. 17. Package outline SOT666
13. Soldering
solder lands
placement area
occupied area
solder paste
sot666_fr
2.75
2.45
2.1
1.6
0.4
(6×)
0.55
(2×)
0.25
(2×)
0.6
(2×)
0.65
(2×)
0.3
(2×)
0.325
(4×)
0.45
(4×)
0.5
(4×)
0.375
(4×)
1.7
2
1.7
1.075
0.538
Dimensions in mm
Fig. 18. Reflow soldering footprint for SOT666
PEMD13
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
28 December 2022
10 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com