Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD2 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PEMD2
Description  NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMD2 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PEMD2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PEMD2_PIMD2_PUMD2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 14 November 2013
7 of 18
NXP Semiconductors
PEMD2; PIMD2; PUMD2
NPN/PNP resistor-equipped transistors; R1 = 22 k
, R2 = 22 k
7.
Characteristics
[1]
Characteristics of built-in transistor
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE =30V; IB = 0 A
-
-
100
nA
VCE =30V; IB =0A;
Tj = 150 C
--
5
A
IEBO
emitter-base cut-off
current
VEB =5V; IC =0A
-
-
180
A
hFE
DC current gain
VCE =5V; IC =5 mA
60
-
-
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB =0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 A-
1.1
0.8
V
VI(on)
on-state input voltage
VCE =0.3 V; IC =5 mA
2.5
1.7
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
TR1 (NPN)
-
-
2.5
pF
TR2 (PNP)
-
-
3
fT
transition frequency
VCE =5V; IC =10 mA;
f=100MHz
[1]
TR1 (NPN)
-
230
-
MHz
TR2 (PNP)
-
180
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com