Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMZ1 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMZ1
Description  NPN/PNP general purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMZ1 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMZ1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PEMZ1
NPN/PNP general purpose transistor
29 December 2022
Product data sheet
1. General description
NPN/PNP double transistor in a SOT666 ultra small and flat lead Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• 300 mW total power dissipation
• Very small 1.6 x 1.2 mm ultra thin package
• Self alignment during soldering due to straight leads
• Replaces two SC-75/SC-89 packaged transistors on same PCB area
• Reduced required PCB area
• Reduced pick and place costs.
3. Applications
• General purpose switching and amplification
• Complementary MOSFET driver for switch mode power supply
• Complementary driver for audio amplifiers.
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter
voltage
open base
-
-
40
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE = 6 V; IC = 1 mA; Tamb = 25 °C
120
-
-
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
E1
emitter TR1
2
B1
base TR1
3
C2
collector TR2
4
E2
emitter TR2
5
B2
base TR2
6
C1
collector TR1
1
2
3
4
5
6
SOT666
sym019
B1
E1
C2
B2
C1
TR1
TR2
E2


Similar Part No. - PEMZ1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
NPN/PNP general purpose transistors
2001 Nov 07
More results

Similar Description - PEMZ1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN PHILIPS-BC847BVN Datasheet
63Kb / 8P
NPN/PNP general purpose transistor
2001 Nov 07
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
NPN/PNP general purpose transistor
2002 Nov 22
BC817DPN NXP-BC817DPN Datasheet
155Kb / 10P
NPN/PNP general purpose transistor
2002 Nov 22
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
NPN/PNP general purpose transistor
2001 Nov 07
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
NPN/PNP general purpose transistor
2001 Nov 07
BCV65 PHILIPS-BCV65_15 Datasheet
276Kb / 11P
NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
logo
Nexperia B.V. All right...
BC817DPN NEXPERIA-BC817DPN Datasheet
222Kb / 9P
NPN/PNP general purpose transistor
27 November 2019
BCV65 NEXPERIA-BCV65 Datasheet
2Mb / 11P
NPN/PNP general-purpose transistor
Rev. 4 - 27 July 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com