Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMC31 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PIMC31
Description  500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC31 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PIMC31 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PIMC31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
logo
Nexperia B.V. All right...
PIMC31PA NEXPERIA-PIMC31PA Datasheet
292Kb / 16P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
31 August 2023
PIMC31PAX NEXPERIA-PIMC31PAX Datasheet
292Kb / 16P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
31 August 2023
More results

Similar Description - PIMC31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123E PHILIPS-PDTD123E Datasheet
68Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
PDTD113ZT NXP-PDTD113ZT Datasheet
71Kb / 9P
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
PIMN31 NXP-PIMN31 Datasheet
94Kb / 11P
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-19 June 2007
PDTD113ZT NXP-PDTD113ZT_13 Datasheet
71Kb / 9P
NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PDTD113ZT PHILIPS-PDTD113ZT_15 Datasheet
71Kb / 9P
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
logo
Nexperia B.V. All right...
PDTA113E_SER NEXPERIA-PDTA113E_SER Datasheet
235Kb / 19P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
PDTA113Z_SER NEXPERIA-PDTA113Z_SER Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com