Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS1546 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMS1546
Description  Surface Mount Mixer and Detector Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMS1546 Datasheet(HTML) 2 Page - Alpha Industries

  SMS1546 Datasheet HTML 1Page - Alpha Industries SMS1546 Datasheet HTML 2Page - Alpha Industries SMS1546 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Unit
SMS1546
SMS7621
SMS7630
IS
A
3E-7
4E-8
5E-06
RS
Ω
412
20
N
1.04
1.05
1.05
TT
S
1E-11
1E-11
1E-11
CJ0
pF
0.38
0.10
0.14
M
0.36
0.35
0.40
EG
eV
0.69
0.69
0.69
XTI
2
2
2
FC
0.5
0.5
0.5
BV
V3
3
2
IBV
A
1E-5
1E-5
1E-4
VJ
V
0.51
0.51
0.34
SPICE Model Parameters (Per Junction)
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Surface Mount Mixer and Detector Schottky Diodes
Typical Detector
Characteristics @ 1.8 GHz
1.00
10.00
100.00
1000.00
10000.00
-30
-20
-10
0
10
Input Power (dBm)
50
Ω
RF Input
10 M
Ω
Video Output
RFC
Low Barrier Mixer and Detectors
Electrical Specifications at 25°C (Per Junction)
Pair Configuration
Part Number
Barrier
VB @ 10 µ
µA (V)
CT @ 0 V (pF)
VF @ 1 mA (mV) (b) VF @ 1 mA (mV)
RT* @ 10 mA (Ω
Ω)
Min.
Typ.
Max.
Max.
SMS1546 Series
Low
2
0.50
200–270
10
8
SMS7621 Series
Low
2
0.25
260–320
10
18
Zero Bias Detectors
Part Number
Pair Configuration
VB @ 100 µ
µA (V)
CT @ 0.15 V (pF)
VF @ 0.1 mA (mV) VF @ 1 mA (mV) (b) VF @ 1 mA (mV)
RV (Ω
Ω)
Min.
Typ.
Max.
Typ.
SMS7630 Series
1.0
0.30
60–120
135–240
10
5000
*RT is the slope resistance.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com