Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMP32 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PIMP32
Description  50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMP32 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PIMP32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMP32 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Nexperia
PIMP32
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Applications.................................................................. 1
4. Quick reference data....................................................1
5. Pinning information......................................................2
6. Ordering information....................................................2
7. Marking..........................................................................2
8. Limiting values............................................................. 2
9. Thermal characteristics............................................... 3
10. Characteristics............................................................4
11. Test information..........................................................7
12. Package outline.......................................................... 7
13. Soldering..................................................................... 8
14. Revision history..........................................................9
15. Legal information......................................................10
© Nexperia B.V. 2022. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 16 February 2022
PIMP32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
16 February 2022
11 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com