Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKN3603 Datasheet(PDF) 2 Page - FETek Technology Corp.

Part # FKN3603
Description  P-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKN3603 Datasheet(HTML) 2 Page - FETek Technology Corp.

  FKN3603 Datasheet HTML 1Page - FETek Technology Corp. FKN3603 Datasheet HTML 2Page - FETek Technology Corp. FKN3603 Datasheet HTML 3Page - FETek Technology Corp. FKN3603 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKN3603
P-Ch 30V Fast Switching MOSFETs
22
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-30
---
---
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V , ID=-3A
---
---
60
m
VGS=-4.5V , ID=-3A
---
---
80
VGS=-2.5V , ID=-2A
---
---
120
VGS=-1.8V , ID=-1A
---
---
200
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-0.5
---
-1.2
V
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-24V , VGS=0V , TJ=55℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-3A
---
9
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-15V , VGS=-4.5V , ID=-2A
---
8.1
11.3
nC
Qgs
Gate-Source Charge
---
1.2
1.7
Qgd
Gate-Drain Charge
---
2.1
2.9
Td(on)
Turn-On Delay Time
VDD=-15V , VGS=-4.5V ,
RG=3.3, ID=-2A
---
4
8.0
ns
Tr
Rise Time
---
33.2
60
Td(off)
Turn-Off Delay Time
---
26
52
Tf
Fall Time
---
11.6
23.2
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
750
1050
pF
Coss
Output Capacitance
---
79
111
Crss
Reverse Transfer Capacitance
---
57
80
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
-2.6
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
V
trr
Reverse Recovery Time
IF=-3A , dI/dt=100A/µs ,
TJ=25℃
---
20
---
nS
Qrr
Reverse Recovery Charge
---
16
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150
℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com