Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXCP10M35S Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXCP10M35S
Description  Switchable Current Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXCP10M35S Datasheet(HTML) 1 Page - IXYS Corporation

  IXCP10M35S Datasheet HTML 1Page - IXYS Corporation IXCP10M35S Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Switchable Current
Regulators
Symbol
Test Condition
Maximum Ratings
V
AKR
T
J
= 25
°C to 150°C
10M35S
350
V
10M45S
450
V
V
AGR
T
J
= 25
°C to 150°C
10M35S
350
V
V
AGR
10M45S
450
V
V
GK
±20
V
I
D
T
C
= 25
°C
-0.3
A
P
D
T
C
= 25
°C40
W
T
J
-55 ... +150
°C
T
stg
-55 ... +150
°C
T
L
Temperature for Soldering (max. 10 s)
260
°C
M
D
Mounting torque with screw M3
(TO-220)
0.45/4
Nm/lb.in.
with screw M3.5 (TO-220)
0.55/5
Nm/lb.in.
Symbol
Test Condition
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
V
AKR
R
K = 300 Ω, (Fig. 4)
10M35S
350
V
10M45S
450
V
I
A(P)
V
D = 10 V; RK = 300 Ω; (Fig. 5)
7
10
15
mA
V
G(off)
I
D = 100 µA; VD = 300 V
10M35S
-5
V
I
D = 100 µA; VD = 400 V
10M45S
-5
V
Fig. 4
I
AV
V
D= 300 V; VGK = -10 V
10M35S
25
µA
V
D= 400 V; VGK = -10 V
10M45S
25
µA
Fig. 4
∆∆∆∆∆V
AK/∆
∆∆∆∆ I
A(p
Dynamic resistance; V
D= 10 V
10
k
Ω
R
K = 300 Ω; (Fig. 4)
R
thJC
Thermal Resistance junction-to-case
3.1 K/W
R
thJA
Thermal Resistance junction-to-ambient TO-220
80 K/W
TO-252
100 K/W
Pin connections
1 = G, Control terminal;
2 and 4 = A (+) Positive terminal
3 = K (-), Negative terminal
TO-252 AA
(IXCY)
Features
Minimum of 350/450 V
breakdown
Resistor programmable current
source
40 W continuous dissipation
International standard packages
JEDEC TO-220 and TO-252
On/Off switchable current source
Applications
Start-up circuits for SMPS
Highly stable voltage sources
Surge limiters and voltage protection
Instantaneously reacting resetable
fuses
Soft start-up circuits
G
TO-220 AB (IXCP)
K
A
G
K
A
A
98704B (05/00)
IXCP 10M35S
IXCY 10M35S
IXCP 10M45S
IXCY 10M45S
V
AK
= 350/450 V
I
A(P)
= 2 - 100 mA
R
DYN = 9 - 900
k
Ω
Ω
Ω
Ω
Ω


Similar Part No. - IXCP10M35S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXCP10M45A IXYS-IXCP10M45A Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP10M45S IXYS-IXCP10M45S Datasheet
520Kb / 2P
Switchable Current Regulators
IXCP10M90S IXYS-IXCP10M90S Datasheet
347Kb / 1P
Switchable Current Regulators
More results

Similar Description - IXCP10M35S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXCP10M45S IXYS-IXCP10M45S Datasheet
520Kb / 2P
Switchable Current Regulators
IXCP10M90S IXYS-IXCP10M90S Datasheet
347Kb / 1P
Switchable Current Regulators
logo
List of Unclassifed Man...
HY6340 ETC1-HY6340 Datasheet
190Kb / 2P
Switchable Constant Current Laser Diode Driver
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
switchable modems
logo
Analog Devices
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
16-Bit - ADC with Switchable Current Sources
REV. A
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
logo
IXYS Corporation
IXCP10M45A IXYS-IXCP10M45A Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP20M35 IXYS-IXCP20M35 Datasheet
557Kb / 3P
High Voltage Current Regulators
logo
Analog Devices
AD7709 AD-AD7709_17 Datasheet
437Kb / 33P
16-Bit ADC with Switchable Current Sources
23-Feb-2017
logo
Torex Semiconductor
XC6206J TOREX-XC6206J Datasheet
884Kb / 16P
Low Consumption Current Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com