Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB5433-QS Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LB5433-QS
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433-QS Datasheet(HTML) 5 Page - OSRAM GmbH

  LB5433-QS Datasheet HTML 1Page - OSRAM GmbH LB5433-QS Datasheet HTML 2Page - OSRAM GmbH LB5433-QS Datasheet HTML 3Page - OSRAM GmbH LB5433-QS Datasheet HTML 4Page - OSRAM GmbH LB5433-QS Datasheet HTML 5Page - OSRAM GmbH LB5433-QS Datasheet HTML 6Page - OSRAM GmbH LB5433-QS Datasheet HTML 7Page - OSRAM GmbH LB5433-QS Datasheet HTML 8Page - OSRAM GmbH LB5433-QS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LB 5433, LV 5433, LT 5433
2001-01-22
5
1) Wellenlängengruppen / Wavelength groups
Gruppe
Group
blue
verde
true green
Wellenlängengruppen werden mit einer
Stromeinprägedauer von 25 ms und einer
Genauigkeit von ±1 nm ermittelt.
min.
max. min.
max. min.
max.
3
464
468
498
503
519
525
Wavelength groups are tested at a current pulse
duration of 25 ms and an accuracy of ±1 nm.
4
468
472
503
507
525
531
5
472
476
507
512
531
537



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com