Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB5433-T Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LB5433-T
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433-T Datasheet(HTML) 1 Page - OSRAM GmbH

  LB5433-T Datasheet HTML 1Page - OSRAM GmbH LB5433-T Datasheet HTML 2Page - OSRAM GmbH LB5433-T Datasheet HTML 3Page - OSRAM GmbH LB5433-T Datasheet HTML 4Page - OSRAM GmbH LB5433-T Datasheet HTML 5Page - OSRAM GmbH LB5433-T Datasheet HTML 6Page - OSRAM GmbH LB5433-T Datasheet HTML 7Page - OSRAM GmbH LB5433-T Datasheet HTML 8Page - OSRAM GmbH LB5433-T Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LB 5433, LV 5433, LT 5433
Hyper 5 mm (T1 ¾) LED, Non Diffused
Hyper-Bright LED
Vorläufige Daten / Preliminary Data
2001-01-22
1
Besondere Merkmale
• Gehäusetyp: klares 5 mm (T1 ¾) Gehäuse
• Besonderheit des Bauteils: enge
Abstrahlcharakteristik
• Wellenlänge: 470 nm (blau), 505 nm (verde),
528 nm (true green)
• Abstrahlwinkel: 40°
• Technologie: InGaN
• optischer Wirkungsgrad: 2 lm/W (blau),
6 lm/W (verde), 8 lm/W (true green)
• Gruppierungsparameter: Lichtstärke
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
MIL STD 883 D, Method 3015,7
Anwendungen
• Informationsanzeigen im Außenbereich
• optischer Indikator
• Hinterleuchtung (Tasten, Displays,
Werbebeleuchtung, Allgemeinbeleuchtung)
• Innenbeleuchtung im Automobilbereich
(z.B. Instrumentenbeleuchtung, u. ä.)
• Ersatz von Kleinst-Glühlampen
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
Features
• package: clear 5 mm (T1 ¾) package
• feature of the device: narrow viewing angle
• wavelength: 470 nm (blue), 505 nm (verde),
528 nm (true green)
• viewing angle: 40°
• technology: InGaN
• optical efficiency: 2 lm/W (blue),
6 lm/W (verde), 8 lm/W (true green)
• grouping parameter: luminous intensity
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
MIL STD 883 D, Method 3015.7
Applications
• outdoor displays
• optical indicators
• backlighting (keys, displays, illuminated
advertising, general lighting)
• interior automotive lighting (e.g. dashboard
backlighting, etc.)
• substitution of micro incandescent lamps
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LB5433-T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
colorless, clear 5 mm package
More results

Similar Description - LB5433-T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com