Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS2910CE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MAS2910CE
Description  RADIATION HARD MICROPROGRAM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2910CE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MAS2910CE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 12Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 13Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 14Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MA2910
11
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Figure 24: Absolute Maximum Ratings
Subgroup
Definition
1
Static characteristics specified in Figure 26 at +25°C
2
Static characteristics specified in Figure 26 at +125°C
3
Static characteristics specified in Figure 26 at -55°C
9
Switching characteristics specified in Figures 27 to 29 at +25°C
10
Switching characteristics specified in Figures 27 to 29 at +125°C
11
Switching characteristics specified in Figures 27 to 29 at -55°C
Figure 25: Definition of Subgroups
Total dose radiation not exceeding
3x105 Rad (Si)
Symbol Parameter
Conditions
Units
Min.
Typ.
Max .
VDD
Supply voltage
-
4 5
5.0
5 5
V
VIH
Input high voltage
-
2.0
-
-
V
VIL
Input low voltage
-
-
-
0 8
V
VOH
Output high voltage
IOH = -2mA
2.4
-
-
V
VOL
Output low voltage
IOL = 5mA
-
-
0.4
V
IIN
Input leakage current (Note 1)
VDD = 5.5V,
-
-
±10
µA
VIN = VSS or VDD
IOZ
Tristate leakage current (Note 1)
VDD = 5.5V,
-
-
±50
µA
VIN = VSS Or VDD
IDD
Power supply current
Static, VDD = 5.5V
-
0.1
10
mA
Mil-Std-883, method 5005, subgroups 1, 2, 3
VDD = 5V ±10%, over full operating temperature range.
Note 1: Worst case at TA = +125°C, guaranteed at TA = -55°C. 300K Rad(Si) values at higher radiation levels are available on
request.
Figure 26: Operating Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com