Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KB6
Description  6 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KB6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KB6 Datasheet HTML 1Page - List of Unclassifed Manufacturers KB6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
89
MODEL
KB06-05S
KB06-12S
KB06-15S
KB06-24S
KB06-122D
KB06-153D
INPUT RATING
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
OUTPUT VOLTAGE
5 VDC
12 VDC
15 VDC
24 VDC
± 12 VDC
± 15 VDC
OUTPUT CURRENT
0 ~ 1.2 A
0 ~ 0.5 A
0 ~ 0.4 A
0 ~ 250 mA
±25 ~ 250 mA
±20 ~ 200 mA
EFFICIENCY AT 100% LOAD
(TYP.)
70%
75%
75%
75%
75%
75%
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• Dimensions in mm
KB6 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com