Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC01B-USB Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BC01B-USB
Description  Single Chip Bluetooth Device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC01B-USB Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BC01B-USB Datasheet HTML 7Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 8Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 9Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 10Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 11Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 12Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 13Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 14Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
bco1b-ds-003d
Product Data Sheet
Production Information
Interface Version
Shipment Method
USB and UART
Tray (dry pack)
UART only
Tape and reel
UART only
Tray (dry pack)
Order Number
BC01b-USB-TR
BC01b-USB
BC01b-URT-TR
BC01b-URT
Contact CSR Worldwide
To contact a CSR representative, please go to www.csr.com/contacts.htm
CSR Japan
CSR KK
Miyasaka LK Building 3F
43-23, 3 Chome Shimorenjaku
Mitaka-shi, Tokyo
Japan 181-0013
Tel: +81 (0) 422 40 4760
Fax: +81 (0) 422 40 4765
e-mail: sales@csr.com
CSR Head Office
Unit 300, Cambridge Science Park
Milton Road
Cambridge, CB4 0XL
United Kingdom
Tel: +44 (0) 1223 424 167
Fax: +44 (0) 1223 424 178
e-mail: sales@csr.com
CSR USA
1651 N. Collins Blvd.
Suite 210
Richardson
TX75080
USA
Tel: +1 972 238 2300
Fax: +1 972 231 1440
e-mail: sales@csr.com
CSR Denmark
Novi Science Park
Niels Jernes Vej 10
9220 Aalborg East
Denmark
Tel: +45 72 200 380
Fax: +45 96 354 599
e-mail: sales@csr.com
CSR Singapore
Blk 5, Ang Mo Kio
Industrial Park 2A
AMK Tech II, #07-08
Singapore 567760
Tel: +65 484 2212
Fax: +65 484 2219
e-mail: sales@csr.com
USB and UART
Tape and reel
Ordering and Contact Information
Ordering and Contact Information
Page 13 of 15
USB and UART
Tray (dry pack)
UART only
Tape and reel
UART only
Tray (dry pack)
BC01bv-USB-TR
BC01bv-USB
BC01bv-URT-TR
BC01bv-URT
USB and UART
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com