Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC01BV-USB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BC01BV-USB
Description  Single Chip Bluetooth Device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC01BV-USB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BC01BV-USB Datasheet HTML 5Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 6Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 7Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 8Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 9Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 10Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 11Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 12Page - List of Unclassifed Manufacturers BC01BV-USB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
bc01b-ds-003d
Product Data Sheet
Production Information
Output regulation voltage (1)
Maximum allowable voltage on Vreg pad
Bias current
Maximum regulation current
Voltage Regulator (VREG)
Min
Unit
Max
Typ
Power-on Reset
Input/Output Terminal Characteristics (continued)
2.40
2.60
200
2.50
2.70
220
V
V
mV
Min
Unit
Max
Typ
2.30
2.50
180
V
V
-
0.7VDD_PADS
VDD falling threshold
VDD rising threshold
Hysteresis
Input threshold
VIL input logic level low
VIH input logic level high
USB Terminals
Min
Typ
2.74
3.1
-
5
-
2.79
3.15
-
-
-
2.84
3.2
5
-
100
V
V
V
µA
mA
Electrical Characteristics (continued)
Unit
Max
-
-
0.3VDD_PADS
-
µA
-1
Input leakage current
-
1
pF
2.5
CI Input capacitance
-
10
V
V
0
2.8
Output levels to correctly terminated USB cable
VOL input logic level low
VOH input logic level high
-
-
0.2
VDD_PADS
Unit
SCO connection HV3 (1s interval sniff mode) (Slave)
mA
mA
SCO connection HV1 (Slave)
mA
Peak
Mode
Avg
Power Consumption(1)
VDD = 3.0V Temperature = 20°C
78
ACL data transfer 115.2kbps UART (Master)
-
-
-
29
mA
ACL data transfer 720kbps USB (Master)
-
82
mA
Peak current during RF burst
135
-
41
SCO connection HV3 (1s interval sniff mode) (Master)
mA
-
42
SCO connection HV1 (Master)
mA
77
-
mA
ACL data transfer 720kbps USB (Slave)
-
81
mA
ACL connection, Sniff Mode 40ms interval, 38.4kbps UART
-
5.5
mA
ACL connection, Sniff Mode 1.28s interval, 38.4kbps UART
-
1.1
mA
Parked Slave, 1.28s beacon interval, 38.4kbps UART
-
1.1
µA
Deep Sleep Mode
90
Page 9 of 15
Note:
(1)
Power consumption is for BC01b-USB module including external flash ROM.
Note:
(1)
The regulated voltage is selected by a variable stored in the flash ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com