| Electronic Components Datasheet Search |
|
MCP6244E Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6244E Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 28 page ![]() MCP6241/2/4 DS21882C-page 2 © 2005 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VDD – VSS ........................................................................7.0V All Inputs and Outputs ................... VSS – 0.3V to VDD + 0.3V Difference Input Voltage ...................................... |VDD – VSS| Output Short Circuit Current ..................................continuous Current at Input Pins ....................................................±2 mA Current at Output and Supply Pins ............................±30 mA Storage Temperature.....................................-65°C to +150°C Maximum Junction Temperature (TJ) .......................... +150°C ESD Protection On All Pins (HBM;MM) ............... ≥ 4 kV; 300V † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, RL = 100 kΩ to VDD/2 and VOUT ≈ VDD/2. Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage VOS -5.0 — +5.0 mV VCM = VSS Extended Temperature VOS -7.0 — +7.0 mV TA= -40°C to +125°C, VCM = VSS (Note) Input Offset Drift with Temperature ΔVOS/ΔTA —±3.0 — µV/°C TA= -40°C to +125°C, VCM = VSS Power Supply Rejection PSRR — 83 — dB VCM = VSS Input Bias Current and Impedance Input Bias Current: IB —±1.0 — pA At Temperature IB —20 — pA TA = +85°C At Temperature IB — 1100 — pA TA = +125°C Input Offset Current IOS —±1.0 — pA Common Mode Input Impedance ZCM —1013||6 — Ω||pF Differential Input Impedance ZDIFF —1013||3 — Ω||pF Common Mode Common Mode Input Range VCMR VSS – 0.3 — VDD + 0.3 V Common Mode Rejection Ratio CMRR 60 75 — dB VCM = -0.3V to 5.3V, VDD = 5V Open-Loop Gain DC Open-Loop Gain (large signal) AOL 90 110 — dB VOUT = 0.3V to VDD – 0.3V, VCM =VSS Output Maximum Output Voltage Swing VOL, VOH VSS + 35 — VDD – 35 mV RL = 10 kΩ, 0.5V Output Overdrive Output Short-Circuit Current ISC —±6 — mA VDD = 1.8V ISC —±23 — mA VDD = 5.5V Power Supply Supply Voltage VDD 1.8 — 5.5 V Quiescent Current per Amplifier IQ 30 50 70 µA IO = 0, VCM = VDD – 0.5V Note: The SC-70 package is only tested at +25°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |