Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CME2425-3 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # CME2425-3
Description  SWITCHMODE/HIGH FREQUENCY - COMMON MODE INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

CME2425-3 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  CME2425-3 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Switchmode/High Frequency
Common Mode Inductors
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: July 3, 2006
CME2425-3
Description:
Highly dependable Triad common mode EMI suppression inductors are used in
various types of power supplies to eliminate noise common to all lines. These units
also provide effective differential mode filtering. Meeting VDE, IEC, UL and CSA
requirements, they minimize AC line transmitted interference often created by high
frequency switching power supplies.
Construction:
Constructed with UL rated 130°C materials.
Electrical Specifications (@20°C):
.050" DIA HOLES
D
B
A
C
0.800
6
10
5
0.610
PC
BOARD
HOLE
PATTERN
1
Min.
Inductance*
Amps
RMS
Max. DC (Ω)
Resistance
Min.
Leakage
3.8 mH
1.60
.127
25.0 µH
*inductance per winding.
Dimensions:
A
B
C
D
1.050 1.075 0.092-0.187 1.050
Note: 1. Pin diameter: 0.029 SQ.
2. Units in inches.
3. Rated current yields approximately 40°C temperature rise.
4. Weight: .154 lbs.
Schematic:
1
10
6
5
RoHS Compliance:
As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.


Similar Part No. - CME2425-3

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CME2425-3 TRIAD-CME2425-3_13 Datasheet
85Kb / 1P
Switchmode/High Frequency Common Mode Inductors
More results

Similar Description - CME2425-3

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CME375-7 TRIAD-CME375-7 Datasheet
88Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME2425-7 TRIAD-CME2425-7 Datasheet
84Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME375-1 TRIAD-CME375-1_13 Datasheet
92Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME375-3 TRIAD-CME375-3_13 Datasheet
95Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME375-4 TRIAD-CME375-4_13 Datasheet
77Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME375-8 TRIAD-CME375-8_13 Datasheet
77Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME2425-3 TRIAD-CME2425-3_13 Datasheet
85Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME2425-8 TRIAD-CME2425-8_13 Datasheet
85Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CMT908-V2 TRIAD-CMT908-V2_13 Datasheet
88Kb / 1P
Switchmode/High Frequency Common Mode Inductors
ET2424-012 TRIAD-ET2424-012 Datasheet
84Kb / 1P
Switchmode/High Frequency Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com