Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3605-2/3-Z Datasheet(PDF) 2 Page - ams AG

Part # SFH3605-2/3-Z
Description  Silicon NPN Phototransistor in MIDLED package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH3605-2/3-Z Datasheet(HTML) 2 Page - ams AG

  SFH3605-2/3-Z Datasheet HTML 1Page - ams AG SFH3605-2/3-Z Datasheet HTML 2Page - ams AG SFH3605-2/3-Z Datasheet HTML 3Page - ams AG SFH3605-2/3-Z Datasheet HTML 4Page - ams AG SFH3605-2/3-Z Datasheet HTML 5Page - ams AG SFH3605-2/3-Z Datasheet HTML 6Page - ams AG SFH3605-2/3-Z Datasheet HTML 7Page - ams AG SFH3605-2/3-Z Datasheet HTML 8Page - ams AG SFH3605-2/3-Z Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SFH 3605
DATASHEET
DATASHEET
2 | Version 1.5 | 2023-06-16
MIDLED®
SFH 3605
Silicon NPN Phototransistor in MIDLED package
Applications
- Access Control & Security
- Appliances & Tools
- Factory Automation
Features
- Package: clear silicone
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Sidelooker
- Narrow half angle
- Spectral range of sensitivity: (typ) 500 ... 1100 nm
- Emitter in same package (SFH 46xx) available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com