Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4346 Datasheet(PDF) 2 Page - ams AG

Part # SFH4346
Description  Radial T1 Infrared Emitter (940 nm)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4346 Datasheet(HTML) 2 Page - ams AG

  SFH4346 Datasheet HTML 1Page - ams AG SFH4346 Datasheet HTML 2Page - ams AG SFH4346 Datasheet HTML 3Page - ams AG SFH4346 Datasheet HTML 4Page - ams AG SFH4346 Datasheet HTML 5Page - ams AG SFH4346 Datasheet HTML 6Page - ams AG SFH4346 Datasheet HTML 7Page - ams AG SFH4346 Datasheet HTML 8Page - ams AG SFH4346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SFH 4346
2 Version 1.4 | 2019-07-16
Maximum Ratings
T
A = 25 °C
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-40 °C
100 °C
Storage temperature
T
stg
min.
max.
-40 °C
100 °C
Forward current
I
F
max.
100 mA
Surge current
t
p ≤ 200 µs; D = 0 
I
FSM
max.
1 A
Reverse voltage 2)
V
R
max.
5 V
Power consumption
P
tot
max.
190 mW
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
V
ESD
max.
2 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com