Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7016 Datasheet(PDF) 20 Page - ams AG

Part # SFH7016
Description  Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7016 Datasheet(HTML) 20 Page - ams AG

Back Button SFH7016 Datasheet HTML 15Page - ams AG SFH7016 Datasheet HTML 16Page - ams AG SFH7016 Datasheet HTML 17Page - ams AG SFH7016 Datasheet HTML 18Page - ams AG SFH7016 Datasheet HTML 19Page - ams AG SFH7016 Datasheet HTML 20Page - ams AG SFH7016 Datasheet HTML 21Page - ams AG SFH7016 Datasheet HTML 22Page - ams AG SFH7016 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SFH 7016
DATASHEET
DATASHEET
20 | Version 1.5 | 2022-04-12
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com