Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1596L-50-TQ5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # P1596L-50-TQ5-R
Description  150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596L-50-TQ5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  P1596L-50-TQ5-R Datasheet HTML 1Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 2Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 3Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 4Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 5Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 6Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 7Page - Unisonic Technologies P1596L-50-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P1596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-027,B
TYPICAL CHARACTERISTICS
-40
0
3.2
Output Voltage v.s. Temperature
(VIN=12V, IOUT=1.5A)
20
-20
40 60
3.3
3.1
80
3
Temperature, Ta (℃)
3.05
3.15
3.25
3.35
3.4
100 120 140
-50
-10
78
Efficiency v.s. Temperature
(VIN=12V, VOUT=3.3V, IOUT=1.5A)
10
-30
30 50
80
76
70
74
Temperature, Ta (℃)
75
77
79
81
82
90 110 130
-50
-25
1.1
Saturation Voltage v.s. Temperature
(VCC=12V, VFB=0V, VSD=0)
25
1.3
0.9
50
0.7
Temperature, Ta (℃)
0.8
1
1.2
1.4
1.5
100 125
-50
-10
Switch Current Limit v.s. Temperature
(VCC=12V, VFB=0V)
10
-30
30
50
70
Temperature, Ta (℃)
2
2.5
3
3.5
90
075
0.5A
1A
1.5A
-50
-10
9
Supply Current v.s. Temperature
(VCC=12V, No Load,
VON/OFF=0V,(Switch ON))
30
11
7
50
5
Temperature, Ta (℃)
6
8
10
12
13
90 110
-50
-10
Supply Current v.s. Temperature
(VCC=12V, No Load,
VON/OFF=5V,(Switch OFF))
10
-30
305070
Temperature, Ta (℃)
30
35
40
50
90
-30
10
70
55
45
110 130 150
60
Switch OFF
Switch ON
130



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com