Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8037 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 180 page
background image
56F8037 Data Sheet, Rev. 2
8
Freescale Semiconductor
Preliminary
from the on-chip data RAM per instruction cycle. The 56F8037 also offers up to 53 General Purpose
Input/Output (GPIO) lines, depending on peripheral configuration.
The 56F8037 Digital Signal Controller includes 64KB of Program Flash and 8KB of Unified
Data/Program RAM. Program Flash memory can be independently bulk erased or erased in pages.
Program Flash page erase size is 512 Bytes (256 Words).
A full set of programmable peripherals—PWM, ADCs, QSCIs, QSPIs, I2C, PITs, Quad Timers, DACs
and analog comparators—supports various applications. Each peripheral can be independently shut down
to save power. Any pin in these peripherals can also be used as General Purpose Input/Outputs (GPIOs).
1.3 Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs), demonstration board kit and
development system cards will support concurrent engineering. Together, PE, CodeWarrior and EVMs
create a complete, scalable tools solution for easy, fast, and efficient development.
1.4 Architecture Block Diagram
The 56F8037’s architecture is shown in Figures 1-1, 1-2, 1-3, 1-4, 1-5, 1-6, and 1-7. Figure 1-1 illustrates
how the 56800E system buses communicate with internal memories and the IPBus Bridge and the internal
connections between each unit of the 56800E core. Figure 1-2 shows the peripherals and control blocks
connected to the IPBus Bridge. Figures 1-3, 1-4, 1-5, 1-6 and 1-7 detail how the device’s I/O pins are
muxed. The figures do not show the on-board regulator and power and ground signals. Please see Part 2,
Signal/Connection Descriptions, for information about which signals are multiplexed with those of other
peripherals.
1.4.1
PWM, TMR and ADC Connections
Figure 1-3 shows the over- and under-voltage connections from the ADC to the PWM and the connections
to the PWM from the TMR and GPIO. These signals can control the PWM outputs in a similar manner to
the over- and under-voltage control signals. See the 56F802x and 56F803x Peripheral Reference
Manual for additional information.
The PWM_reload_sync output can be connected to Timer A’s (TMRA) Channel 3 input; TMRA’s
Channels 2 and 3 outputs are connected to the ADC sync inputs. TMRA Channel 3 output is connected to
SYNC0 and TMRA Channel 2 is connected to SYNC1. SYNC0 is the master ADC sync input that is used
to trigger ADCA and ADCB in sequence and parallel mode. SYNC1 is used to trigger ADCB in parallel
independent mode. These are controlled by bits in the SIM Control Register; see Section 6.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com