Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV227 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV227
Description  Production RF Tested, RF Power Detector for CDMA and WCDMA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV227 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV227 Datasheet HTML 1Page - National Semiconductor (TI) LMV227 Datasheet HTML 2Page - National Semiconductor (TI) LMV227 Datasheet HTML 3Page - National Semiconductor (TI) LMV227 Datasheet HTML 4Page - National Semiconductor (TI) LMV227 Datasheet HTML 5Page - National Semiconductor (TI) LMV227 Datasheet HTML 6Page - National Semiconductor (TI) LMV227 Datasheet HTML 7Page - National Semiconductor (TI) LMV227 Datasheet HTML 8Page - National Semiconductor (TI) LMV227 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
DD - GND
6.0V Max
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
150˚C Max
Mounting Temperature
Infrared or convection (20 sec)
235˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40˚C to +85˚C
2.7 DC and AC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed to V
DD = 2.7V; TJ = 25˚C. Boldface limits apply at temperature extremes.
(Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
Active mode: RF
IN/EN =VDD (DC), No
RF Input Power Present.
4.9
7
8
mA
Shutdown: RF
IN/EN = GND (DC), No
RF Input Power Present.
0.6
4.5
µA
V
LOW
E
N Logic Low Input Level
(Note 6)
0.8
V
V
HIGH
E
N Logic High Input Level
(Note 6)
1.8
V
t
on
Turn-on- Time
No RF Input Power Present
2.1
µs
t
r
Rise Time (Note 7)
Step from No Power to 0 dBm Applied
4.5
µs
I
EN
Current into RF
IN/EN Pin
1
µA
P
IN
Input Power Range (Note 5)
0
-30
dBm
-43
-13
dBV
Logarithmic Slope (Note 8)
900 MHz
43.3
mV/dB
1800 MHz
43.9
1855 MHz
36
43.5
51
1900 MHz
44.0
2000 MHz
43.2
Logarithmic Intercept (Note 8)
900 MHz
−46.7
dBm
1800 MHz
−44.1
1855 MHz
−56
−44.3
−33
1900 MHz
−42.8
2000 MHz
−43.7
V
OUT
Output Voltage
No RF Input Power Present
208
350
mV
R
OUT
Output Impedance
No RF Input Power Present
20.3
29
34
k
Ω
e
n
Output Referred Noise
RF Input = 1800 MHz, −10 dBm,
Measured at 10 kHz
700
nV/
Variation over Temperature
900 MHz, RF
IN = 0 dBm Referred to
25˚C
+0.64
−1.07
dB
1800 MHz, RF
IN = 0 dBm Referred to
25˚C
+0.09
−0.86
1900 MHz, RF
IN = 0 dBm Referred to
25˚C
+0
−0.69
2000 MHz, RF
IN = 0 dBm Referred to
25˚C
+0
−0.86
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com