Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ31002CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ31002CS
Description  Tone Ringer For Telephone Set
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ31002CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ31002CS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PJ31002
Tone Ringer For Telephone Set
1-5
2002/01.rev.A
he PJ31002 is a bipolar integrated circuit
designed for telephone bell replacement.
• Oscillation frequency is variable
• Few external components
• Sustaining power is low
• Package is compact ( DIP-8)
• Current consumption is small
Parameter
Symbol
Min.
Typ.
Max .
Unit
Conditions
Test Circuit
Operating Voltage
Vopr
--
--
38
V
FIG.4
Supply Initiation Voltage
Vsi
15
17
19.5
V
(NOTE 1)
FIG.4
Sustaining Voltage
Vsus
10.5
12.0
13.0
V
(NOTE 2)
FIG.4
Supply Initiation Current
Isi
1.4
3.3
4.2
mA
Vcc=Vsi,
No LOAD
FIG.4
Sustaining Current
lsus
0.35
0.9
1.5
mA
Vcc=Vsus,
No LOAD
FIG.4
Oscillator Frequence
(NOTE3)
fL
9
10
11
Hz
FIG.5
Oscillator Frequence
(NOTE3)
fH1
461
512
563
Hz
FIG.5
Oscillator Frequence
(NOTE3)
fH2
576
640
703
Hz
FIG.5
Output Voltage *Hi*
Voh
19.7
22.0
23.5
V
loh=10mA
7 Pin=GND
FIG.4
Output Voltage *Lo*
Vol
0.5
0.9
1.4
V
Iol=10mA
7 Pin=5.5V
FIG.4
Ringing Start Voltage
Vtr
--
--
36.0
V
(NOTE 4)
FIG.3
Parame te r
Symbol
Rating
Unit
Supply Voltage
Vcc
38
V
Power Dissipation
Pd
500
mW
Operating T emperature Range
T opr
-20 ~ +85
℃
Storage T emperature Range
T stg
-55 ~ +125
℃
T
Device
Operating Temperature
Package
PJ31002CD
DIP-8
PJ31002CS
-20℃~+85℃
SOP-8
FEATURES
DIP
-8
SOP
-8
ELECTRICAL CHARACTERISTICS ( Unless otherwise specified, T a=25℃, Vcc=24V)
ABSOLUTE MAXIMUM RATING (T a=25℃ )
P in: 1. Vcc 5. Gnd
2. Rsl
6. Hfo
3. Lfi
7. Hfi
4. Lfo
8. Out
ORDERING INFORMATION


Similar Part No. - PJ31002CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ317 ETC1-PJ317 Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CM ETC1-PJ317CM Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CP ETC1-PJ317CP Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CS ETC1-PJ317CS Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CT ETC1-PJ317CT Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
More results

Similar Description - PJ31002CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Unisonic Technologies
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
logo
Rohm
BA8204 ROHM-BA8204 Datasheet
117Kb / 6P
Tone ringer IC for telephone set
BA8206 ROHM-BA8206 Datasheet
96Kb / 6P
Tone ringer IC for telephone set
logo
Unisonic Technologies
31002A UTC-31002A_08 Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com