Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1100 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SC1100 Datasheet HTML 1Page - National Semiconductor (TI) SC1100 Datasheet HTML 2Page - National Semiconductor (TI) SC1100 Datasheet HTML 3Page - National Semiconductor (TI) SC1100 Datasheet HTML 4Page - National Semiconductor (TI) SC1100 Datasheet HTML 5Page - National Semiconductor (TI) SC1100 Datasheet HTML 6Page - National Semiconductor (TI) SC1100 Datasheet HTML 7Page - National Semiconductor (TI) SC1100 Datasheet HTML 8Page - National Semiconductor (TI) SC1100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 348 page
background image
© 2003 National Semiconductor Corporation
www.national.com
General Description
The Geode™ SC1100 device is a member of the National
Semiconductor® Information Appliance On a Chip (IAOC)
family of fully integrated x86 system chips. The main mod-
ules of the Geode SC1100 are:
• Geode GX1 processor module - Combines advanced
CPU performance with Intel MMX support, a 64-bit
synchronous DRAM (SDRAM) interface, and a PCI bus
controller.
• Core Logic module - Includes PC/AT functionality, a USB
interface, an IDE interface, a PCI bus interface, an LPC
bus interface, Advanced Configuration Power Interface
(ACPI) version 1.0 compliant power management, and
an audio codec interface.
• SuperI/O module - Has a Serial Port (UART), an Infrared
(IR) interface, two ACCESS.bus (ACB) interfaces, and a
Real-Time Clock (RTC).
The block diagram shows the relationships between the
modules.
These features, combined with the device’s small form fac-
tor and low power consumption, make it ideal as the core
for an advanced set-top box, consumer access device, res-
idential gateway, thin client, or embedded system.
Block Diagram
CPU
Geode™ GX1
Memory Controller
Core
PCI Bus
Controller
Clock & Reset Logic
Config.
Fast-PCI Bus
IDE I/F
Fast X-Bus
PIT
DMAC
Pwr Mgmnt
Configuration
ISA Bus I/F
PIC
USB
GPIO
PCI/Sub-ISA
Audio Codec I/F
LPC I/F
ISA Bus
Block
Bus I/F
I/F
ACB1
I/F
ACB2
I/F
UART
IR
Bridge
RTC
Core Logic
SuperI/O
X-Bus
March 2003
Revision 1.1
Geode™ SC1100
Information Appliance On a Chip
National Semiconductor and Virtual System Architecture are registered trademarks of National Semiconductor Corporation.
Geode and VSA are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - SC1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC11004 ETC-SC11004 Datasheet
992Kb / 21P
300 / 1200 Bit Per Second Modem
More results

Similar Description - SC1100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-II STMICROELECTRONICS-STPCCONSUMER-II Datasheet
1Mb / 93P
X86 Core PC Compatible Information Appliance System-on-Chip
29-Jan-2002
logo
Cirrus Logic
CL-PS7500FE CIRRUS-CL-PS7500FE Datasheet
2Mb / 251P
System-on-a Chip for Internet Appliance
Version 2.0 June 1997
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
DVD On-a-Chip Solution
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
NDV8401 NSC-NDV8401 Datasheet
72Kb / 3P
DVD on a Chip Processor
NDV8501 NSC-NDV8501 Datasheet
75Kb / 3P
DVD on a Chip Processor
logo
AVX Corporation
SM055C105KAN120 AVX-SM055C105KAN120 Datasheet
182Kb / 18P
Technical Information on SMPS Capacitors
logo
M/A-COM Technology Solu...
29323-BRF-001-A MA-COM-29323-BRF-001-A_15 Datasheet
507Kb / 2P
Line-Card-on-a-Chip
logo
Advantech Co., Ltd.
FWA-1320 ADVANTECH-FWA-1320_15 Datasheet
422Kb / 2P
Desktop Entry-Level Network Appliance based on Intel짰 Atom??C2000 System On Chip
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100_17 Datasheet
322Kb / 1P
Desktop Fanless Network Appliance Platform with AMD Geode LX800 Processor and 4 LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com