Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1201ARCPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK1201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1201ARCPR Datasheet(HTML) 1 Page - Texas Instruments

  TLK1201ARCPR Datasheet HTML 1Page - Texas Instruments TLK1201ARCPR Datasheet HTML 2Page - Texas Instruments TLK1201ARCPR Datasheet HTML 3Page - Texas Instruments TLK1201ARCPR Datasheet HTML 4Page - Texas Instruments TLK1201ARCPR Datasheet HTML 5Page - Texas Instruments TLK1201ARCPR Datasheet HTML 6Page - Texas Instruments TLK1201ARCPR Datasheet HTML 7Page - Texas Instruments TLK1201ARCPR Datasheet HTML 8Page - Texas Instruments TLK1201ARCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
17 18 19
JTDI
SYNC/PASS
GND
RD0
RD1
RD2
VDD
RD3
RD4
RD5
RD6
VDD
RD7
RD8
RD9
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
TD0
TD1
TD2
VDD
TD3
TD4
TD5
TD6
VDD
TD7
TD8
TD9
GND
MODESEL
PRBSEN
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
DESCRIPTION
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580A – FEBRUARY 2004 – REVISED JUNE 2004
•
0.6-Gbps to 1.3-Gbps Serializer/Deserializer
•
No External Filter Capacitors Required
•
Low Power Consumption <200 mW at 1.25
•
Comprehensive Suite of Built-In Testability
Gbps
•
IEEE 1149.1 JTAG Support
•
LVPECL Compatible Differential I/O on High
•
2.5-V Supply Voltage for Lowest Power
Speed Interface
Operation
•
Single Monolithic PLL Design
•
3.3-V Tolerant on LVTTL Inputs
•
Support For 10-Bit Interface or Reduced
•
Hot Plug Protection
Interface 5-Bit DDR (Double Data Rate)
•
64-Pin VQFP With Thermally Enhanced
Clocking
Package (PowerPAD™)
•
Receiver Differential Input Thresholds 200 mV
•
CPRI Data Rate Compatible (614 Mbps, 1.22
Minimum
Gbps)
•
IEEE 802.3 Gigabit Ethernet Compliant
•
Industrial Temperature Range Supported:
•
ANSI X3.230-1994 (FC-PH) Fibre Channel
–40
°C to 85°C
Compliant
•
Advanced 0.25-µm CMOS Technology
The TLK1201A/TLK1201AI gigabit ethernet transceiver provides for ultrahigh-speed, full-duplex, point-to-point
data transmissions. This device is based on the timing requirements of the 10-bit interface specification by the
IEEE 802.3 gigabit ethernet specification and is also compliant with the ANSI X3.230-1994 (FC-PH) fibre channel
standard. The device supports data rates from 0.6 Gbps to 1.3 Gbps.
The primary application of the transceiver is to provide building blocks for point-to-point baseband data
transmission over controlled impedance media of 50
Ω or 75 Ω. The transmission media can be printed-circuit
board traces, copper cables, or fiber-optical media. The ultimate rate and distance of data transfer is dependent
upon the attenuation characteristics of the media and the noise coupling to the environment.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK1201ARCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201ARCPR TI1-TLK1201ARCPR Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1201ARCPR TI1-TLK1201ARCPR Datasheet
1,010Kb / 24P
Single Monolithic PLL Design
TLK1201ARCPRG4 TI1-TLK1201ARCPRG4 Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1201ARCPRG4 TI1-TLK1201ARCPRG4 Datasheet
1,010Kb / 24P
Single Monolithic PLL Design
More results

Similar Description - TLK1201ARCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com