Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-HASPC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PS-HASPC
Description  HIGH ACCURACY HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-HASPC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PS-HASPC Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-HASPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
HASPC SERIES
PRODUCT DESCRIPTION
The HASPC series uses a highly accurate and reliable
thermoset polymer based capacitance humidity sensor
and curve matched thermistor together with state-of-the-
art digital linearization and temperature compensated
circuitry in an attractive, low profile enclosure to monitor
room humidity & temperature levels. Dual setpoint
adjustment features for both RH and temperature are also
available. Additional options include manual override
TYPICAL INSTALLATION
For complete installation and wiring details, please
refer to the product installation instructions.
The HASPC series can be mounted directly to a single
gang electrical box or directly to a wall. Insulation foam is
adhered to the back of the enclosure to provide a thermal
barrier from wall temperatures.
A terminal block connection is provided for connection to
the Building Automation System.
POWER SUPPLY
24 Vac/dc ±10 % (non-isolated half-wave rectified)
CONSUMPTION
20 mA + (20 mA x number of outputs) max @ 24 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNALS
4-20 mA active (sourcing) or 0-5 Vdc or 0-10 Vdc (specify when ordering)
OUTPUT RESOLUTION
10 bit for all signals
OUTPUT DRIVE CAPABILITY
Current: 550 Ω max
Voltage: 10,000 Ω min
PROGRAMMING AND SELECTION
Via internal push button and on-screen menu
OPERATING CONDITIONS
0 to 50°C (32 to 122°F) 0-95 %RH non-condensing
WIRING CONDITIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
Ratings: White ABS - IP30 (NEMA 1)
Dimensions: 84mm W x 117mm H x 29mm D (3.3” x 4.6” x 1.15”)
LCD DISPLAY
Display Size: 38.1mm x 16.5mm (1.5” x 0.65”)
Digit Height: 11.43mm (0.45”)
Symbols: °C, °F, %RH, OCC
Backlight: Enable or disable via menu
TEMPERATURE
Sensor: Curve-matched thermistor
Accuracy: ±0.1°C (±0.18°F)
Range: 0 to 35°C (32 to 95°F) or 0 to 50°C (32 to 122°F) programmable
Offset: ±5.0°C programmable
Display Units: °C or °F programmable
Display Resolution: 0.1° < 100, 1° > 100
TEMPERATURE SETPOINT
Midpoint: 18 to 27°C (65 to 80°F) programmable
Range: ±2 to ±10°C (±5 to ±20°F) of the midpoint, programmable
Resolution: 0.5° to 1.0°C and 1.0
° to 2°F programmable
HUMIDITY
RH Sensor: Thermoset polymer based capacitive
Accuracy: ±1.5% or 2% (5 to 95 %RH)
Range: 0 to 100 %RH
Hysteresis: ±0.8 %RH @ 25
°C (77°F)
Response Time: 8 seconds typical
Offset: ±20 %RH programmable
Stability: <0.25 %RH/year
HUMIDITY SETPOINT
Midpoint: 20 to 70 %RH programmable
Range: ±5, ±10 or ±20 %RH of the midpoint, programmable
Resolution: 1 %RH
OPTIONAL OVERRIDE
Type: Front panel, momentary push button, 2 wire dry contact
Switch Ratings: N.O., SPST, 50 mA @ 12 Vdc,
OPTIONAL OCCUPIED INPUT
(INCLUDED WITH OVERRIDE OPTION)
Signal Type: Digital input, 0-5 Vdc or dry contact to common
Logic: Active low or active high, programmable
Action: Causes “OCC” segment to light on LCD
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
84 mm
3.3“
119 mm
4.7“
29 mm
1.15 “
82.6 mm
3.25 “
58 mm
2.3 “


Similar Part No. - PS-HASPC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HAGP GREYSTONE-PS-HAGP Datasheet
365Kb / 2P
HIGH ACCURACY GAGE PRESSURE TRANSMITTER
PS-HAHRC GREYSTONE-PS-HAHRC Datasheet
690Kb / 2P
HIGH ACCURACY ROOM HUMIDITY TRANSMITTER
PS-HAHSDT GREYSTONE-PS-HAHSDT Datasheet
322Kb / 2P
HIGH ACCURACY DUCT HUMIDITY TRANSMITTER
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
More results

Similar Description - PS-HASPC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
96PD-THS16B ADVANTECH-96PD-THS16B Datasheet
228Kb / 2P
IP65 High Accuracy Temperature & Humidity Sensor
26-May-2021
logo
Greystone Energy System...
PS-HAHRC GREYSTONE-PS-HAHRC Datasheet
690Kb / 2P
HIGH ACCURACY ROOM HUMIDITY TRANSMITTER
PS-HAHSDT GREYSTONE-PS-HAHSDT Datasheet
322Kb / 2P
HIGH ACCURACY DUCT HUMIDITY TRANSMITTER
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTRC GREYSTONE-PS-HAHTRC Datasheet
315Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
SPC GREYSTONE-SPC Datasheet
208Kb / 2P
HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com