Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX69 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BCX69
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCX69 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BCX69 Datasheet HTML 1Page - Nanjing International Group Co BCX69 Datasheet HTML 2Page - Nanjing International Group Co BCX69 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
Complementary type: BCX68 (NPN)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-25
V
VCEO
Collector-Emitter Voltage
-20
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1
A
PC
Collector Dissipation
0.8
W
Operation Junction and
Storage Temperature Range
℃
TJ,Tstg
-
55~150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA , IE=0
-25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-30mA , IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
μA
hFE (1)
1)
VCE=-1V, IC=-500mA
85
85
100
160
375
160
250
375
hFE(2)
1)
VCE=-10V, IC=-5mA
50
DC current gain
BCX69
BCX69-10
BCX69-16
BCX69-25
hFE(3)
1)
VCE=-1V, IC=-1A
60
Collector-emitter saturation voltage
VCE(sat)
IC=-1A, IB=-100mA
-0.5
V
Base-emitter
voltage
VBE(ON)
1)
IC=-5mA, VCE=-10V
IC=-1A, VCE=-1V
-0.6
-1
V
Transition frequency
f T
VCE=-5V, IC=-100mA
f=20MHz
100
MHz
1) Pulse test: t ≤=300µs, D = 2%
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
MARKING
CE1
CF1
CG1
BCX69
BCX69-10
BCX69-16
CH1
BCX69 TRANSISTOR (PNP)
BCX69-25
85-375
85-160
100-250
160-375
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
1/3
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com


Similar Part No. - BCX69

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX69 ZETEX-BCX69 Datasheet
16Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
PNP Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
PNP Silicon AF Transistors
Jul-23-2001
logo
Guangdong Kexin Industr...
BCX69 KEXIN-BCX69 Datasheet
38Kb / 2P
PNP Silicon AF Transistors
logo
Shenzhen Jin Yu Semicon...
BCX69 HTSEMI-BCX69 Datasheet
416Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - BCX69

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com