Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD034 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BD034
Description  TO-126 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BD034 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BD034 Datasheet HTML 1Page - Nanjing International Group Co BD034 Datasheet HTML 2Page - Nanjing International Group Co BD034 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
-110
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-95
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-7
V
Collector cut-off current
ICBO
VCB=-100V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-1
μA
hFE(1)
VCE=-2V, IC=-100mA
100
560
DC current gain
hFE(2)
VCE=-2V, IC=-1.5A
40
Collector-emitter saturation voltage
VCE(sat)
IC=-2A,IB=-200mA
-0.5
V
Base-emitter voltage
VBE
VCE=-5V, IC=-500mA
-1
V
Transition frequency
fT
VCE=-1V,IC=-250mA, f=1MHz
3
MHz
CLASSIFICATION OF hFE(1)
RANK
R
S
T
U
RANGE
100-200
140-280
200-400
280-560
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
2/3
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com