Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2844BDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL2844BDR
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2844BDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL2844BDR Datasheet HTML 9Page - Texas Instruments TL2844BDR Datasheet HTML 10Page - Texas Instruments TL2844BDR Datasheet HTML 11Page - Texas Instruments TL2844BDR Datasheet HTML 12Page - Texas Instruments TL2844BDR Datasheet HTML 13Page - Texas Instruments TL2844BDR Datasheet HTML 14Page - Texas Instruments TL2844BDR Datasheet HTML 15Page - Texas Instruments TL2844BDR Datasheet HTML 16Page - Texas Instruments TL2844BDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
Shutdown Technique
330
Ω
1 k
Ω
500
Ω
To Current-Sense
Resistor
Shutdown
Shutdown
COMP
VREF
ISENSE
RT
0.1
µF
CT
R1
R2
ISENSE
RSENSE
C
VREF
RT/CT
ISENSE
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
APPLICATION INFORMATION (continued)
The PWM controller (see Figure 5) can be shut down by two methods: either raise the voltage at ISENSE above
1 V or pull the COMP terminal below a voltage two diode drops above ground. Either method causes the output
of the PWM comparator to be high (refer to block diagram). The PWM latch is reset dominant so that the output
remains low until the next clock cycle after the shutdown condition at the COMP or ISENSE terminal is removed.
In one example, an externally latched shutdown can be accomplished by adding an SCR that resets by cycling
VCC below the lower UVLO threshold. At this point, the reference turns off, allowing the SCR to reset.
Figure 5. Shutdown Techniques
A fraction of the oscillator ramp can be summed resistively with the current-sense signal to provide slope
compensation for converters requiring duty cycles over 50% (see Figure 6). Note that capacitor C forms a filter
with R2 to suppress the leading-edge switch spikes.
Figure 6. Slope Compensation
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com