Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRT67F.01 Datasheet(PDF) 5 Page - ams AG

Part # LRT67F.01
Description  SMT LED with integrated reflector.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LRT67F.01 Datasheet(HTML) 5 Page - ams AG

  LRT67F.01 Datasheet HTML 1Page - ams AG LRT67F.01 Datasheet HTML 2Page - ams AG LRT67F.01 Datasheet HTML 3Page - ams AG LRT67F.01 Datasheet HTML 4Page - ams AG LRT67F.01 Datasheet HTML 5Page - ams AG LRT67F.01 Datasheet HTML 6Page - ams AG LRT67F.01 Datasheet HTML 7Page - ams AG LRT67F.01 Datasheet HTML 8Page - ams AG LRT67F.01 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LR T67F.01
DATASHEET
DATASHEET
5 | Version 1.2 | 2023-07-25
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
634 nm
Dominant Wavelength 3)
I
F = 20 mA
λ
dom
min.
typ.
max.
620 nm
625 nm
630 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
15 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
1.90 V
2.15 V
2.50 V
Reverse current 2)
V
R = 12 V
I
R
typ.
max.
0.01 µA
10 µA
Temperature Coefficient of Peak Wavelength
-10°C ≤ T ≤ 100°C
TC
λpeak
typ.
0.15 nm / K
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
140 K / W
280 K / W
Electrical thermal resistance junction/solderpoint 5)
with efficiency η
e = 48 %
R
thJS elec.
typ.
max.
73 K / W
146 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com