Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP476 Datasheet(PDF) 5 Page - ams AG

Part # LSP476
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSP476 Datasheet(HTML) 5 Page - ams AG

  LSP476 Datasheet HTML 1Page - ams AG LSP476 Datasheet HTML 2Page - ams AG LSP476 Datasheet HTML 3Page - ams AG LSP476 Datasheet HTML 4Page - ams AG LSP476 Datasheet HTML 5Page - ams AG LSP476 Datasheet HTML 6Page - ams AG LSP476 Datasheet HTML 7Page - ams AG LSP476 Datasheet HTML 8Page - ams AG LSP476 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LS P476
5 Version 1.2 | 2019-07-15
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
Q1
71 mcd
90 mcd
240 mlm
Q2
90 mcd
112 mcd
300 mlm
R1
112 mcd
140 mcd
380 mlm
R2
140 mcd
180 mcd
480 mlm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com