Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2425 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A2425
Description  Zero Voltage and Random Turn-On Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2425 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A2425 Datasheet HTML 1Page - List of Unclassifed Manufacturers A2425 Datasheet HTML 2Page - List of Unclassifed Manufacturers A2425 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL NUMBERS
AC CONTROL
A1210
A1225
A1240
A2410
A2425
A2450
A2475
A2490
D C C ONTROL
D1210
D1225
D1240
D2410
D2425
D2450
D2475
D2490
OUTPUT SPECIFICATIONS Œ
Operating Voltage (47-63 Hz) [Vrms]
24-140
24-140
24-140
24-280
24-280
24-280
24-280
24-280
Max. Load Current Ž [Arms]
10
25
40
10
25
50
75
90
Min. Load Current, [mArms]
40
40
40
40
40
40
40
40
Transient Overvoltage [Vpk]
400
400
400
600
600
600
600
600
Max. Surge Current, (16.6ms) [Apk]
120
250
625
120
250
625
1000
1200
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case (RθJC) [˚C/W]
1.48
1.02
0.63
1.48
1.02
0.63
0.31
0.28
Maximum I2 t for Fusing, (8.3 msec.) [A2sec]
60
260
1620
60
260
1620
4150
6000
Max. Off-State Leakage Current @ Rated Voltage [mArms]
8
8
8
10
10
101010
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec]
500
500
500
500
500
500
500
500
Max. Turn-On Time 
1/2 Cycle (DC Control), 10.0 msec (AC Control)
Max. Turn-Off Time
1/2 Cycle (DC Control), 40.0 msec(AC Control)
Power Factor (Min.) with Max. Load
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS Œ
DC CONTROL
AC CONTROL
AC CONTROL
(E SUFFIX)
Control Voltage Range
3-32 Vdc
90-280 Vrms (60Hz)
18-36 Vrms
Max. Reverse Voltage
-32 Vdc
---
---
Max. Turn-On Voltage
3.0 Vdc
90 Vrms
18 Vrms
Min. Turn-Off Voltage
1.0 Vdc
10 Vrms
4.0 Vrms
Nominal Input Impedance
1500 Ohms
60K Ohms
9.0K Ohms
Typical Input Current
3.4mA @ 5 Vdc, 20mA @ 28Vdc
2mA @ 120 Vrms, 4mA @ 240 Vrms
3mA @ 24 Vrms
GENERAL NOTES
Œ All parameters at 25ºC unless otherwise specified.
 Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
Ž Heat sinking required, for derating curves see page 2.
 Turn-on time for random turn-on versions is 0.02 msec (DC Control Models).
• Zero Voltage and Random
Turn-On Switching
• Panel Mount
• 600V Blocking Capability
• Internal Snubber
• 110 & 125A Models
Available
FastFax Document No. 151
SERIES1.032698, PAGE 1 OF 3
Featuring state-of-the-art Surface
Mount Technology, these SPST-NO
relays deliver proven reliability in the
most demanding applications. Output
consists of an SCR AC switch and is
available in zero-cross, random turn-
on (phase controllable) and normally
closed (Form B) versions with either
AC or DC input (coil) control.
Manufactured in Crydom’s ISO 9002
Certified facility for optimum product
performance and reliability.
Series 1
10-90Amp • 120, 240 Vac • AC Output
©1998 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
Crydom Corp, 9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340 Crydom International Ltd., 85, Condor Close,
Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany


Similar Part No. - A2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
A2425 CRYDOM-A2425 Datasheet
748Kb / 5P
SCR output for heavy industrial loads
A2425 CRYDOM-A2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A2425 CRYDOM-A2425 Datasheet
822Kb / 6P
panel mount
A2425 CRYDOM-A2425 Datasheet
759Kb / 8P
Ratings from 10A to 125A @ 24-280 VAC
logo
Sensata Technologies, I...
A2425 SENSATA-A2425 Datasheet
720Kb / 7P
PANEL MOUNT
Rev. 04/01/21
More results

Similar Description - A2425

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TSS8G48S TOSHIBA-TSS8G48S Datasheet
210Kb / 4P
OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPEN SSR
24-May-2001
logo
Nanjing International G...
BAS70WS DGNJDZ-BAS70WS Datasheet
984Kb / 1P
Low Turn-on Voltage
logo
TE Connectivity Ltd
SSR TEC-SSR Datasheet
474Kb / 2P
Zero voltage and random voltage turn-on versions
logo
American Electronic Com...
SRA1 AEC-SRA1 Datasheet
356Kb / 2P
Zero cross-over or Random switching
SRA3 AEC-SRA3 Datasheet
620Kb / 3P
Zero cross-over or Random switching
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
Low Turn-On Voltage, Fast Switching
logo
Willow Technologies Ltd
682 WILLOW-682 Datasheet
130Kb / 2P
Zero voltage turn-on SCR output
logo
SHIKUES Electronics
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
Low Turn-on Voltage, Fast Switching
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
Low Turn-on Voltage, Fast Switching
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
Low Turn-on voltage, Fast Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com