Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSYT67B Datasheet(PDF) 10 Page - ams AG

Part # LSYT67B
Description  Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT67B Datasheet(HTML) 10 Page - ams AG

Back Button LSYT67B Datasheet HTML 6Page - ams AG LSYT67B Datasheet HTML 7Page - ams AG LSYT67B Datasheet HTML 8Page - ams AG LSYT67B Datasheet HTML 9Page - ams AG LSYT67B Datasheet HTML 10Page - ams AG LSYT67B Datasheet HTML 11Page - ams AG LSYT67B Datasheet HTML 12Page - ams AG LSYT67B Datasheet HTML 13Page - ams AG LSYT67B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2012-11-14
10
LSY T67B
Empfohlenes Lötpaddesign
8) Seite 15
IR Reflow Löten
Recommended Solder Pad
8) page 15
IR Reflow Soldering
Empfohlenes Lötpaddesign
8) Seite 15
Wellenlöten (TTW)
Recommended Solder Pad
8) page 15
TTW Soldering
OHLPY439
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
1.1 (0.043)
2.6 (0.102)
3.3 (0.130)
0.4 (0.016)
Cathode marking
Kathoden Markierung /
Cu Fläche / 12 mm per pad
2
Cu-area
_
<
3.3 (0.130)
OHAY0583
6.1 (0.240)
2.8 (0.110)
3.5 (0.138)
2.8 (0.110)
0.5 (0.020)
7.5 (0.295)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 12 mm per pad
Cu-area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com