Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3HT-F Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 3HT-F
Description  3mm (T1) Package Discrete LED AMB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

3HT-F Datasheet(HTML) 2 Page - Bivar, Inc.

  3HT-F Datasheet HTML 1Page - Bivar, Inc. 3HT-F Datasheet HTML 2Page - Bivar, Inc. 3HT-F Datasheet HTML 3Page - Bivar, Inc. 3HT-F Datasheet HTML 4Page - Bivar, Inc. 3HT-F Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
3. Tolerance of overall epoxy outline: ±0.020" unless otherwise noted.
4. Epoxy meniscus may extend to 0.060" max.
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision C 06/15
Page 2 of 5
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time without notice.
Outline Dimensions
3mm (T1) Package Discrete LED
AMBER
3mm (T1) Package Discrete LED
GREEN
3mm (T1) Package Discrete LED
RED



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com