Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G241 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G241
Description  Dual buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G241 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G241 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G241 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Nexperia
74LVC2G241
Dual buffer/line driver; 3-state
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC2G241DP
-40 °C to +125 °C
TSSOP8 plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G241DC
-40 °C to +125 °C
VSSOP8 plastic very thin shrink small outline package;
8 leads; body width 2.3 mm
SOT765-1
74LVC2G241GT
-40 °C to +125 °C
XSON8
plastic extremely thin small outline package;
no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
SOT833-1
74LVC2G241GF
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1 x 0.5 mm
SOT1089
74LVC2G241GN
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2 x 1.0 x 0.35 mm
SOT1116
74LVC2G241GS
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.0 x 0.35 mm
SOT1203
4. Marking
Table 2. Marking codes
Type number
Marking code[1]
74LVC2G241DP
V241
74LVC2G241DC
V41
74LVC2G241GT
V41
74LVC2G241GF
V1
74LVC2G241GN
V1
74LVC2G241GS
V1
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aah844
1OE
1Y
1A
2OE
2Y
2A
Fig. 1. Logic symbol
001aah845
EN1
EN2
1
2
Fig. 2. IEC logic symbol
74LVC2G241
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 16 — 31 July 2019
2 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com