Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G07GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC3G07GS
Description  Triple buffer with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G07GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC3G07GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G07GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74LVC3G07
Triple buffer with open-drain output
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC3G07DP
-40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G07DC
-40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G07GT
-40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1 × 1.95 × 0.5 mm
SOT833-1
74LVC3G07GF
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1 × 0.5 mm
SOT1089
74LVC3G07GN
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2 × 1.0 × 0.35 mm
SOT1116
74LVC3G07GS
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1.0 × 0.35 mm
SOT1203
4. Marking
Table 2. Marking codes
Type number
Marking code [1]
74LVC3G07DP
V07
74LVC3G07DC
V07
74LVC3G07GT
V07
74LVC3G07GF
V7
74LVC3G07GN
V7
74LVC3G07GS
V7
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aah762
3A
3Y
2A
2Y
1A
1Y
Fig. 1. Logic symbol
001aah763
3Y
3A
2Y
2A
1Y
1A
1
1
1
Fig. 2. IEC logic symbol
mna591
Y
A
GND
Fig. 3. Logic diagram (one driver)
74LVC3G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 28 January 2021
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com