Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DWOS Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # PS-DWOS
Description  OUTSIDE DEWPOINT TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-DWOS Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  PS-DWOS Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-DWOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-DWOSXXX-04
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
ANALOG WIRING
TERMINAL
FUNCTION
PWR
24 Vac/dc of controller or power supply
COM
To GND or COMMON of controller
OUT2
Analog Output 2
OUT1
Analog Output 1
NETWORK WIRING
TERMINAL
FUNCTION
PWR
24 Vac/dc of controller or power supply
COM
To GND or COMMON of controller
B +
To + of communications bus
A -
To - of communications bus
SHLD
To communications bus shield
PRODUCT
DWOS
Outside Dewpoint Transmitter
ENCLOSURE
B
Polycarbonate, with hinged and gasketed cover
OUTPUT
A
B
M
Analog 4-20 mA, 0-5, 0-10 Vdc, field selectable
BACnet® communications
Modbus communications
ORDERING
DWOS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
UP
MENU
DOWN
PWR COM OUT2 OUT1
UP
MENU
DOWN
PWR COM
B+ A- SHLD
EOL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com